PART |
Description |
Maker |
RND0.8ZHH-M6 RND02ZGE-M6 RND02ZGE |
RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming RND系列 - 10W的直直流转换8 - 75V输入3.3 INTEGRATED CKT STATIC SENS RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ±12V Dual Outputs ±15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V 12V Dual Outputs 15V available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 【12V Dual Outputs 【15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ?2V Dual Outputs ?5V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming
|
AZ Displays, Inc. Kingbright, Corp. POWER-ONE[Power-One]
|
12A02SP 12A02SP-E |
TRANS GP BJT PNP 12V 1A 3SPA Pico-TR Series
|
Sanyo Semiconductor
|
E48SR3R320NRFA E48SR05012NRFA E48SR12005NRFA E48SR |
Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
|
DELTA[Delta Electronics, Inc.]
|
12A02CH 12A02CH-E |
TRANS GP BJT PNP 12V 1A 3CPH3 Pico-TR Series Low-Frequency General-Purpose Amplifier Applications
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor
|
12A01C 12A01C-E |
Low-Frequency General-Purpose Amplifier Applications Pico-TR Series TRANS GP BJT PNP 12V 0.5A 3CP
|
Sanyo Semicon Device Sanyo Semiconductor
|
4302F5-5V 4302F3-5V 4302F5-12V 4302F 4302F1-12V 43 |
4302F-5V, 4302F-12V Series Intergrated 5 Volts 12 Volts T-1 (3mm) 4302F - 5V的,4302F - 12V系列集成5伏特12伏特的T 1毫米 4302F-5V, 4302F-12V Series Intergrated 5 Volts 12 Volts T-1 (3mm) 4302F - 5V的,4302F - 12V系列集成5伏特2伏特的T 1毫米
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
ISL43410 |
Analog Switch, DPDT or 2 to 1 Mux, Single, Ron = 45 @ 12V, Single Supply 2V to 12V, with inhibit, off leakage 1nA
|
Intersil
|
98-121 |
12V DC Sealed, Maintenance-Free Battery for All Inverter/Chargers that Accept 12V DC Battery Connections
|
List of Unclassifed Manufac...
|